Part Number Hot Search : 
FU9024 12C10 SMCJ30 TLWR8 121001 MMBD142W FDS8958 AM7960DC
Product Description
Full Text Search
 

To Download TIP41CG-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd tip41c npn planar transistor www.unisonic.com.tw 1 of 3 copyright ? 2011 unisonic technologies co., ltd qw-r203-008.d npn expitaxial planar transistor ? description the utc tip41c is a npn expitaxial planar transistor, designed for using in general purpose amplifier and switching applications. ? feature * complement to tip42c ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 tip41cl-ta3-t TIP41CG-TA3-T to-220 b c e tube tip41cl-tf3-t tip41cg-tf3-t to-220f b c e tube
tip41c npn planar transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r203-008.d ? absolute maximum ratings (t c =25 c, unless otherwise specified) parameter symbol rating unit collector base voltage v cbo 100 v collector to emitter voltage v ceo 100 v emitter-base voltage v ebo 5 v collector current dc i c 6 a pulse 10 a base current i b 2 a collector dissipation t c =25 c to-220 p c 65 w to-220f 22 t a =25 c to-220 2 w to-220f 0.7 junction temperature t j 150 c storage temperature t stg -65 ~ +150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t c =25 c) parameter symbol test conditions min typ max unit collector emitter sustaining voltage (note) v ceo i c =30ma, i b =0 100 v collector cutoff current i ceo v ce =60v, i b =0 0.7 ma collector cutoff current i ces v ce =100v, v eb =0 400 a emitter cutoff current i ebo v eb =5v, i c =0 1 ma collector-emitter saturati on voltage (note) v ce ( sat ) i c =6a, i b =600ma 1.5 v base-emitter on voltage (note) v be ( on ) i c =6a, v ce =4v 2.0 v dc current gain (note) h fe1 i c =300ma, v ce =4v 30 h fe2 i c =3a, v ce =4v 15 75 current gain bandwidth product f t v ce =10v, i c =500ma, f=1mhz 3 mhz note: pulse test: p w Q 300 s, duty cycle Q 2%
tip41c npn planar transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r203-008.d ? typical characteristics dc current gain, h fe saturation voltage, v be(sat) , v ce(sat) (mv) collector current, i c (a) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of TIP41CG-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X